PART |
Description |
Maker |
CBRLDSH2-40 CBRLDSH2-40-15 |
SURFACE MOUNT HIGH DENSITY HIGH DENSITY SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|
ISPLSI2096VE-100LT128 ISPLSI2096VE-135LT128 ISPLSI |
3.3V In-System Programmable SuperFAST?/a> High Density PLD CRYSTAL 24.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
ISPLSI1016EA ISPLSI1016EA-100LJ44 ISPLSI1016EA-100 |
125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD In-System Programmable High Density PLD 200 MHz in-system prommable high density PLD
|
Lattice Semiconductor
|
HDRIGHTANGLE 781-M15-113R141 781-M15-113R001 781-M |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
|
List of Unclassifed Manufacturers
|
MACH211SP-12 MACH211SP-7JC MACH211SP-7VC MACH211SP |
RES 35.7K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA SCREW MACHINE SLOTTED 6-32X3/4 High-Density EE CMOS Programmable Logic EE PLD, 16 ns, PQCC44 High-Density EE CMOS Programmable Logic 高密度电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ISPLSI2064V-100LJ84 ISPLSI2064V-100LJ84I ISPLSI206 |
3.3V High Density Programmable Logic 3.3V High Density Programmable Logic 3.3高密度可编程逻辑 3.3V High Density Programmable Logic EE PLD, 15 ns, PQCC84
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
MCN51-8S3-PFA MCN51-16P2-DS MCN51-16P2-PFA MCN51-1 |
CAP 0.1UF 50V 20% Z5U RAD.20 .20X.20 BULK 高电流,高密度,电源连接 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 高电流,高密度,电源连接 High Current, High Density, Power Connectors 高电流,高密度,电源连接 High Current / High Density / Power Connectors
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
STP80N03L-06 4881 |
N-Channel Enhancement Mode "Ultra High Density" Power MOS Transistor(N沟道增强模式高密度功率MOS晶体管) N沟道增强模式“超高密度”功率MOS晶体管(不适用沟道增强模式高密度功率马鞍山晶体管) N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR From old datasheet system N - CHANNEL ENHANCEMENT MODE "ULTRA HIGH DENSITY" POWER MOS TRANSISTOR
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
PC825 PC845 PC815 PC835 |
(PC815 - PC845) High Sensitivity / High Density Mounting Type Photocoupler High Sensitivity, High Density Mounting Type Photocoupler
|
SHARP[Sharp Electrionic Components]
|
ISPLSI5256VE-125LT100I ISPLSI5256VE-100LF256I ISPL |
In-system programmable 3.3V SuperWIDE high density PLD. fmax 80 MHz, tpd 12 ns. EE PLD, 10 ns, PBGA256 In-system programmable 3.3V SuperWIDE high density PLD. fmax 100 MHz, tpd 10 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 125 MHz, tpd 7.5 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 165 MHz, tpd 6.0 ns.
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
ISPLSI2032A-80LJ ISPLSIB2032 ISPLSIB2032-110LJ ISP |
(ISPLSI2032/A) In-System Programmable SuperFAST High Density PLD In-System Programmable High Density PLD
|
LATTICE[Lattice Semiconductor]
|